Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 127 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 123Page - STMicroelectronics SPSB100 Datasheet HTML 124Page - STMicroelectronics SPSB100 Datasheet HTML 125Page - STMicroelectronics SPSB100 Datasheet HTML 126Page - STMicroelectronics SPSB100 Datasheet HTML 127Page - STMicroelectronics SPSB100 Datasheet HTML 128Page - STMicroelectronics SPSB100 Datasheet HTML 129Page - STMicroelectronics SPSB100 Datasheet HTML 130Page - STMicroelectronics SPSB100 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 214 page
background image
Bit
Name
Description
10
OUTHS_0
9
BYPASS_DSMON_TH_2
8
BYPASS_DSMON_TH_1
Table 81. DCR4 (0x04) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
BYPASS_DSMON_TH_0
CLR_REG_FAIL_CNT
KILL_SWDBG_TIMEOUT
WD_TRIG
CRC3
CRC2
CRC1
CRC0
BYPASS monitor
threshold bit 0
Clear REG_FAIL_CNT
bits
Kill software debug timeout
bit
Watchdog
trigger bit
Cyclic
redundancy
checking bit
3
Cyclic
redundancy
checking bit
2
Cyclic
redundancy
checking bit
1
Cyclic
redundancy
checking bit
0
Table 82. DCR4 (0x04) LSB description
Bit
Name
Description
7
BYPASS_DSMON_TH_0
6
CLR_REG_FAIL_CNT
Clear REG_FAIL_CNT to 0
This bit is always read low
5
KILL_SWDBG_TIMEOUT
Kill the 10s timeout that runs when the SWDBG pin is shorted to VIO at start-up. With this bit
at '1' the timeout is killed → state machine exits from SWDBG state and transits to REC-1 and
the watchdog is started with a LOW. SWDBG mode is then NOT entered. This feature allows
the MCU to take control of SPSB100 in case of hardware fault without waiting the 10 s
timeout to elapse.
4
WD_TRIG
Watchdog trig alternatively with 0 and 1. First trig has to be with 1
Watchdog trig alternatively with 0 and 1
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 83. DCR5 (0x05) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
RES
CLR_REC2_FROM_DO_POWER_CYCLE
CLR_DEEP_SLEEP_FROM_DO_POWER_DOWN
CLR_POWUP_RETRY_COUNT
T1_ENA_2
T1_ENA_1
T1_ENA_0
T1_PER_2
Reserved
Clear REC2_FROM_DO_POWER_CYCLE bit
Clear DEEP_SLEEP_FROM_DO_POWER_DOWN bit
Clear POWUP_RETRY_COUNT bit
Timer 1 enable bit 2
Timer 1 enable bit 1
Timer 1 enable bit 0
Timer 1 period bit 2
Table 84. DCR5 (0x05) MSB description
Bit
Name
Description
23
RES
Reserved
22
CLR_REC2_FROM_DO_POWER_CYCLE
Clear REC2_FROM_DO_POWER_CYCLE to 0
This bit is always read low
21
CLR_DEEP_SLEEP_FROM_DO_POWER_DOWN
Clear DEEP-SLEEP_FROM_DO_POWER_DOWN to 0
This bit is always read low
20
CLR_POWUP_RETRY_COUNT
Clear POWUP_RETRY_CNT to 0
This bit is always read low
19
T1_ENA_2
Configuration of timer 1 ON duration
SPSB100
SPI registers
DS14640 - Rev 1
page 127/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com