Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 137 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 133Page - STMicroelectronics SPSB100 Datasheet HTML 134Page - STMicroelectronics SPSB100 Datasheet HTML 135Page - STMicroelectronics SPSB100 Datasheet HTML 136Page - STMicroelectronics SPSB100 Datasheet HTML 137Page - STMicroelectronics SPSB100 Datasheet HTML 138Page - STMicroelectronics SPSB100 Datasheet HTML 139Page - STMicroelectronics SPSB100 Datasheet HTML 140Page - STMicroelectronics SPSB100 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 214 page
background image
Bit
Name
Description
13
BUCK1_PD_STEP_OFF_2
12
BUCK1_PD_STEP_OFF_1
11
BUCK1_PD_STEP_OFF_0
To define BUCK1 turn-off steps
000: Step 1
001: Step 2
010: Step 3
011: Step 4
100: Step 5
101: Step 6
11X: Step 7
10
BUCK1_IPEAK_2
9
BUCK1_IPEAK_1
8
BUCK1_IPEAK_0
BUCK1 peak limitation current
000: 2.0 A
001: 2.5 A
010: 3.0 A
011: 3.5 A
100: 4.0 A
101: 4.5 A
11X: 5.0 A
Table 111. DCR10 (0x0A) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
BUCK1_REGFAIL_GO_REC
BUCK1_SS_VALUE_1
BUCK1_SS_VALUE_0
BUCK1_REFRESH_FREQ
CRC3
CRC2
CRC1
CRC0
BUCK1 regulator fail receive bit
BUCK1 soft start value bit 1
BUCK1 soft start value bit 0
BUCK1 refresh frequency bit
Cyclic redundancy
checking bit 3
Cyclic redundancy
checking bit 2
Cyclic redundancy
checking bit 1
Cyclic redundancy
checking bit 0
Table 112. DCR10 (0x0A) LSB description
Bit
Name
Description
7
BUCK1_REGFAIL_GO_REC
1: A fail on BUCK1 regulator initiates a power-down sequence and moves the state
machine to REC-2 state
0: A fail on BUCK1 regulator sends an IRQ (UV, OV, PG_nok, TW are maskable by SPI,
but not TSD), and turns the regulator OFF if the fail is unmasked (UV, PG_nok are
maskable by SPI, but not OV and TSD. TW never turns the regulator OFF)
6
BUCK1_SS_VALUE_1
5
BUCK1_SS_VALUE_0
BUCK1 soft start setting
00: 16.5 V/ms
01: 8.25 V/ms
10: 3.3 V/ms
11: 1.65 V/ms
4
BUCK1_REFRESH_FREQ
1: Refresh frequency 1 kHz
0: Refresh frequency 25 kHz
3
CRC3
2
CRC2
SPSB100
SPI registers
DS14640 - Rev 1
page 137/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com