Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 190 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 190 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 186Page - STMicroelectronics SPSB100 Datasheet HTML 187Page - STMicroelectronics SPSB100 Datasheet HTML 188Page - STMicroelectronics SPSB100 Datasheet HTML 189Page - STMicroelectronics SPSB100 Datasheet HTML 190Page - STMicroelectronics SPSB100 Datasheet HTML 191Page - STMicroelectronics SPSB100 Datasheet HTML 192Page - STMicroelectronics SPSB100 Datasheet HTML 193Page - STMicroelectronics SPSB100 Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 214 page
background image
Table 309. DSR17 (0x31) description
Bit
Name
Description
15
RES
Reserved
14
RES
Reserved
13
FBB_9
Voltage level on FBB pin
Bits cannot be cleared
(a clear command generates a SPI_UNDEF_ADD flag)
12
FBB_8
11
FBB_7
10
FBB_6
9
FBB_5
8
FBB_4
Table 310. DSR17 (0x31) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R)
0 (R)
0 (R)
0 (R)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
FBB_3
FBB_2
FBB_1
FBB_0
CRC3
CRC2
CRC1
CRC0
FBB
voltage
Level bit 3
FBB
voltage
Level bit 2
FBB
voltage
Level bit 1
FBB
voltage
Level bit 0
Cyclic
redundancy
checking bit 3
Cyclic
redundancy
checking bit 2
Cyclic
redundancy
checking bit 1
Cyclic
redundancy
checking bit 0
Table 311. DSR17 (0x31) LSB description
Bit
Name
Description
7
FBB_3
6
FBB_2
5
FBB_1
4
FBB_0
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 312. DSR18 (0x32) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
- (R0)
- (R0)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
RES
RES
RES
BUCK2_FBLOSS
BUCK1_FBLOSS
NVM_COMPARE_ENA_STATUS
WD_TIME_STATUS_3
WD_TIME_STATUS_2
Reserved
Reserved
Reserved
BUCK2 feedback loss
bit
BUCK1 feedback loss
bit
NVM compare enable status bit
Watchdog time status bit 3
Watchdog time status bit 2
Table 313. DSR18 (0x32) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
SPSB100
SPI registers
DS14640 - Rev 1
page 190/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com