Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 200 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 196Page - STMicroelectronics SPSB100 Datasheet HTML 197Page - STMicroelectronics SPSB100 Datasheet HTML 198Page - STMicroelectronics SPSB100 Datasheet HTML 199Page - STMicroelectronics SPSB100 Datasheet HTML 200Page - STMicroelectronics SPSB100 Datasheet HTML 201Page - STMicroelectronics SPSB100 Datasheet HTML 202Page - STMicroelectronics SPSB100 Datasheet HTML 203Page - STMicroelectronics SPSB100 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 214 page
background image
Table 319. VFQFN56+4L (8x8x0.9 mm exp. pad down) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
A
-
-
1.00
A1
0.00
-
0.05
A2
0.2 REF
A3
0.10
-
-
D
8.00 BSC
D2
6.00
6.10
6.20
E2
6.00
6.10
6.20
e
0.50 BSC
e1
0.75 BSC
e2
1.00 BSC
L
0.075 RFE
L1
0.05 REF
L2
0.38
0.43
0.48
LA
0.55
0.60
0.65
bA
0.20
0.25
0.30
LB
0.44
0.49
0.54
bB
0.20
0.25
0.30
LC
0.55
0.60
0.65
bC
0.70
0.75
0.80
LD
0.30
0.35
0.40
K
0.20
-
-
N
56 + 4
Tolerance of form and position
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
010
REF
-
SPSB100
Package information
DS14640 - Rev 1
page 200/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com