Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 171 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 171 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 167Page - STMicroelectronics ST7LITE49M Datasheet HTML 168Page - STMicroelectronics ST7LITE49M Datasheet HTML 169Page - STMicroelectronics ST7LITE49M Datasheet HTML 170Page - STMicroelectronics ST7LITE49M Datasheet HTML 171Page - STMicroelectronics ST7LITE49M Datasheet HTML 172Page - STMicroelectronics ST7LITE49M Datasheet HTML 173Page - STMicroelectronics ST7LITE49M Datasheet HTML 174Page - STMicroelectronics ST7LITE49M Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 188 page
background image
ST7LITE49M
Electrical characteristics
171/188
Figure 96.
RESET pin protection when LVD is enabled3)4)
The reset network protects the device against parasitic resets. The output of the external
reset circuit must have an open-drain output to drive the ST7 reset pad. Otherwise the
device can be damaged when the ST7 generates an internal reset (LVD or watchdog).
Whatever the reset source is (internal or external), the user must ensure that the level on the
RESET pin can go below the VIL max. level specified in Section 13.10.1 on page 170.
Otherwise the reset will not be taken into account internally. Because the reset circuit is
designed to allow the internal Reset to be output in the RESET pin, the user must ensure
that the current sunk on the RESET pin is less than the absolute maximum value specified
for IINJ(RESET) in Section Table 66. on page 144.
When the LVD is enabled, it is recommended not to connect a pull-up resistor or capacitor. A
10nF pull-down capacitor is required to filter noise on the reset line.
In case a capacitive power supply is used, it is recommended to connect a 1M
Ω pull-down
resistor to the RESET pin to discharge any residual voltage induced by the capacitive effect
of the power supply (this will add 5µA to the power consumption of the MCU).
Tips when using the LVD
Check that all recommendations related to ICCCLK and reset circuit have been applied
(see caution in Table 2 on page 16 and notes above).
Check that the power supply is properly decoupled (100nF + 10µF close to the MCU).
Refer to AN1709 and AN2017. If this cannot be done, it is recommended to put a
100nF + 1M
Ω pull-down on the RESET pin.
The capacitors connected on the RESET pin and also the power supply are key to
avoid any start-up marginality. In most cases, steps 1 and 2 above are sufficient for a
robust solution. Otherwise: replace 10nF pull-down on the RESET pin with a 5µF to
20µF capacitor.”
0.01
µF
ST7xxx
PULSE
GENERATOR
Filter
RON
VDD
INTERNAL
RESET
RESET
EXTERNAL
Required
1M
Optional
(note 3)
WATCHDOG
LVD RESET
ILLEGAL OPCODE 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com