Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 168Page - STMicroelectronics ST7LITE49M Datasheet HTML 169Page - STMicroelectronics ST7LITE49M Datasheet HTML 170Page - STMicroelectronics ST7LITE49M Datasheet HTML 171Page - STMicroelectronics ST7LITE49M Datasheet HTML 172Page - STMicroelectronics ST7LITE49M Datasheet HTML 173Page - STMicroelectronics ST7LITE49M Datasheet HTML 174Page - STMicroelectronics ST7LITE49M Datasheet HTML 175Page - STMicroelectronics ST7LITE49M Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 188 page
background image
Electrical characteristics
ST7LITE49M
172/188
Figure 97.
RESET pin protection when LVD is disabled
1.
The reset network protects the device against parasitic resets.
The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad.
Otherwise the device can be damaged when the ST7 generates an internal reset (LVD or watchdog).
Whatever the reset source is (internal or external), the user must ensure that the level on the RESET pin
can go below the VIL max. level specified in Section 13.10.1 on page 170. Otherwise the reset will not be
taken into account internally.
Because the reset circuit is designed to allow the internal Reset to be output in the RESET pin, the user
must ensure that the current sunk on the RESET pin is less than the absolute maximum value specified for
IINJ(RESET) in Section Table 66. on page 144.
2.
Please refer to Section 12.2.1 on page 139 for more details on illegal opcode reset conditions.
13.11
10-bit ADC characteristics
Subject to general operating condition for VDD, fOSC, and TA unless otherwise specified.
0.01
µF
EXTERNAL
RESET
CIRCUIT
USER
Required
ST72XXX
PULSE
GENERATOR
Filter
RON
VDD
INTERNAL
RESET
WATCHDOG
ILLEGAL OPCODE 5)
Table 92.
ADC characteristics
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Unit
fADC
ADC clock frequency(2)
4MHz
VAIN
Conversion voltage range
VSSA
VDDA
V
RAIN
External input resistor
VDD = 5V, fADC=4MHz
8k(3)
VDD = 3.3V, fADC=4MHz
7k(3)
2.7V
≤ V
DD ≤ 5.5V, fADC=2MHz
10k(3)
2.4V
≤ V
DD ≤ 2.7V, fADC=1MHz
20k(3)
CADC
Internal sample and hold capacitor
3
pF
tSTAB
Stabilization time after ADC enable
f
CPU=8MHz, fADC=4MHz
0(4)
µs
tADC
Conversion time (Sample+Hold)
3.5
- Sample capacitor loading time
- Hold conversion time
4
10
1/fADC
1.
Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guidelines
and are not tested.
2.
The maximum ADC clock frequency allowed within VDD = 2.4V to 2.7V operating range is 1MHz.
3.
Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than the maximum
value). Data guaranteed by Design, not tested in production.
4.
The stabilization time of the A/D converter is masked by the first tLOAD. The first conversion after the enable is then always
valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com