Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 172Page - STMicroelectronics ST7LITE49M Datasheet HTML 173Page - STMicroelectronics ST7LITE49M Datasheet HTML 174Page - STMicroelectronics ST7LITE49M Datasheet HTML 175Page - STMicroelectronics ST7LITE49M Datasheet HTML 176Page - STMicroelectronics ST7LITE49M Datasheet HTML 177Page - STMicroelectronics ST7LITE49M Datasheet HTML 178Page - STMicroelectronics ST7LITE49M Datasheet HTML 179Page - STMicroelectronics ST7LITE49M Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 188 page
background image
Device configuration and ordering information
ST7LITE49M
176/188
14.1.2
Option byte 0
OPT7 = AWUCK Auto Wake Up Clock Selection
0: 32-kHz Oscillator (VLP) selected as AWU clock
1: AWU RC Oscillator selected as AWU clock.
Note:
If this bit is reset, OSCRANGE[2:0] must be set to 100.
OPT6:4 = OSCRANGE[2:0] Oscillator Range
When the internal RC oscillator is not selected (CKSEL1=1), these option bits (and
CKSEL0) select the range of the resonator oscillator current source or the external
clock source.
OPT 3:2 = SEC[1:0] Sector 0 size definition
These option bits indicate the size of sector 0 according to Table 99.
Bit 1 = FMP_R Read-Out Protection
Read-Out Protection, when selected provides a protection against program memory
content extraction and against write access to Flash memory. Erasing the option bytes
when the FMP_R option is selected will cause the whole memory to be erased first,
and the device can be reprogrammed. Refer to Section 4.5 on page 24 and the ST7
Flash Programming Reference Manual for more details.
0: Read-Out Protection off
1: Read-Out Protection on
Table 98.
Selection of the resonator oscillator range
OSCRANGE(1)
1.
When the internal RC oscillator is selected, the CLKSEL option bits must be kept at their default value in
order to select the 256 clock cycle delay (see Section 7.3).
21
0
Typ. frequency range
with Resonator
LP
1~2MHz
0
0
0
MP
2~4MHz
0
0
1
MS
4~8MHz
0
1
0
HS
8~16MHz
0
1
1
VLP
32.768kHz
1
0
0
External Clock on OSC1/CLKIN
1
0
1
Reserved
1
1
0
External Clock on PB1
1
1
1
Table 99.
Configuration of sector size
Sector 0 Size
SEC1
SEC0
0.5k
00
1k
01
2
10
4k
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com