Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 178 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 178 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 174Page - STMicroelectronics ST7LITE49M Datasheet HTML 175Page - STMicroelectronics ST7LITE49M Datasheet HTML 176Page - STMicroelectronics ST7LITE49M Datasheet HTML 177Page - STMicroelectronics ST7LITE49M Datasheet HTML 178Page - STMicroelectronics ST7LITE49M Datasheet HTML 179Page - STMicroelectronics ST7LITE49M Datasheet HTML 180Page - STMicroelectronics ST7LITE49M Datasheet HTML 181Page - STMicroelectronics ST7LITE49M Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 188 page
background image
Device configuration and ordering information
ST7LITE49M
178/188
14.2
Device ordering information
14.3
Development tools
Development tools for the ST7 microcontrollers include a complete range of hardware
systems and software tools from STMicroelectronics and third-party tool suppliers. The
range of tools includes solutions to help you evaluate microcontroller peripherals, develop
and debug your application, and program your microcontrollers.
14.3.1
Starter kits
ST offers complete, affordable starter kits. Starter kits are complete hardware/software tool
packages that include features and samples to help you quickly start developing your
application.
14.3.2
Development and debugging tools
Application development for ST7 is supported by fully optimizing C Compilers and the ST7
Assembler-Linker toolchain, which are all seamlessly integrated in the ST7 integrated
development environments in order to facilitate the debugging and fine-tuning of your
application. The Cosmic C Compiler is available in a free version that outputs up to
16Kbytes of code.
The range of hardware tools includes a full-featured LITE4 Emulator and the low-cost RLink
in-circuit debugger/programmer. These tools are supported by the ST7 Toolset from
STMicroelectronics, which includes the STVD7 integrated development environment (IDE)
with high-level language debugger, editor, project manager and integrated programming
interface.
14.3.3
Programming tools
During the development cycle, the LITE4 emulator and the RLink provide in-circuit
programming capability for programming the Flash microcontroller on your application
board.
ST also provides a low-cost dedicated in-circuit programmer, the ST7-STICK, as well as
ST7 Socket Boards which provide all the sockets required for programming any of the
devices in a specific ST7 sub-family on a platform that can be used with any tool with in-
circuit programming capability for ST7.
For production programming of ST7 devices, ST’s third-party tool partners also provide a
complete range of gang and automated programming solutions, which are ready to integrate
into your production environment.
Table 100.
Supported part numbers
Part number
Program
memory
(bytes)
RAM
(bytes)
Data EEPROM
(bytes)
Package
ST7FLI49MK1B6
4 K of Flash
memory
384
128
SDIP32
ST7FLI49MK1T6
LQFP32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com