Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 171Page - STMicroelectronics ST7LITE49M Datasheet HTML 172Page - STMicroelectronics ST7LITE49M Datasheet HTML 173Page - STMicroelectronics ST7LITE49M Datasheet HTML 174Page - STMicroelectronics ST7LITE49M Datasheet HTML 175Page - STMicroelectronics ST7LITE49M Datasheet HTML 176Page - STMicroelectronics ST7LITE49M Datasheet HTML 177Page - STMicroelectronics ST7LITE49M Datasheet HTML 178Page - STMicroelectronics ST7LITE49M Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 188 page
background image
ST7LITE49M
Device configuration and ordering information
175/188
14
Device configuration and ordering information
This device is available for production in user programmable version (Flash).
ST7LITE49M XFlash devices are shipped to customers with a default program memory
content (FFh).
14.1
Option bytes
The two option bytes allow the hardware configuration of the microcontroller to be selected.
The option bytes can be accessed only in programming mode (for example using a standard
ST7 programming tool).
14.1.1
Option byte 1
Bit 7:6 = CKSEL[1:0] Start-up clock selection. These bits are used to select the startup
frequency. By default, the internal RC is selected.
Bits 5:4 = Reserved, must always be 1.
Bits 3:2 = LVD[1:0] Low Voltage Detection selection. These option bits enable the low
voltage detection block (LVD) with a selected threshold as shown in Table 97.
Bit 1 = WDG SW Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
Bit 0 = WDG HALT Watchdog Reset on Halt
This option bit determines if a Reset is generated when entering Halt mode while the
Watchdog is active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
Table 96.
Startup clock selection
Configuration
CKSEL1
CKSEL0
Internal RC as Startup Clock
0
0
AWU RC as a Startup Clock
0
1
External crystal/ceramic resonator
1
0
External Clock
1
1
Table 97.
LVD threshold configuration
Configuration
VD1
VD0
LVD Off (default value)
1
1
Highest Voltage Threshold
1
0
Medium Voltage Threshold
0
1
Lowest Voltage Threshold
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com