Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
34
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
0
MAXWL
32
1
Maximum Audio Sample Word Length
0 = 20 bits
1 = 24 bits
Audio Sample Word Length.
Used with MAXWL to indicate Tx word
length
000 = Word length not indicated
TXWL[2:0]
MAXWL==1
MAXWL==0
001
20 bits
16 bits
010
22 bits
18 bits
100
23 bits
19 bits
101
24 bits
20 bits
110
21 bits
17 bits
3:1
TXWL[2:0]
35:33
101
All other combinations reserved
R22
SPDTX5
16h
7:4
ORGSAMP
[3:0]
39:36
0000
Original Sampling Frequency
Refer to S/PDIF specification (IEC 60958-3)
for full details.
Table 38 S/PDIF Transmitter Channel Status Bit Control Register 5
S/PDIF RECEIVER
The S/PDIF receiver has one input. This input can be configured as either single ended CMOS or as
a 500mVp-p comparator input, depending upon the state of the SPDIFINMODE register. The S/PDIF
receiver can be powered down if not in use by setting the SPDIFRXPD register bit. If the S/PDIF
receiver is powered down the system will wait until the end of the current S/PDIF frame before
powering down.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30
PWRDN
1Eh
1
SPDIFRXPD
1
S/PDIF Receiver Powerdown
0 = S/PDIF receiver enabled
1 = S/PDIF receiver disabled
R9
SPDMODE
09h
0
SPDIFINMODE
1
S/PDIF Input Mode Select
Selects the input circuit type for the receiver input.
0 = CMOS input
1 = Comparator input. Compatible with 500mVppAC
coupled consumer S/PDIF input signals. Refer to
S/PDIF specification (IEC 60958-3) for full details.
Table 39 S/PDIF Receiver Input Selection Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com