Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
14
CONTROL INTERFACE OPERATION
Control of the WM8804 is implemented in either hardware control mode or software control mode.
The method of control is determined by sampling the state of the SDIN/HWMODE pin at power up or
at a hardware reset. If SDIN/HWMODE is low during power up the device is configured in hardware
control mode, otherwise the device is configured in software control mode.
SDIN/HWMODE
0
Hardware mode
1
Software mode
Table 8 Hardware or Software Mode Select
Software control is achieved using a 3-wire (3-wire write, 4-wire read) or a 2-wire serial interface.
The serial interface format is configured by sampling the state of the GPO0/SWIFMODE pin on
power up or at a hardware reset. If the GPO0/SWIFMODE pin is low the interface is configured in 2-
wire mode, otherwise the interface is configured in 3-wire SPI compatible mode.
GPO0/SWIFMODE
0
2-wire interface
1
3-wire interface
Table 9 Software Mode Control Interface Select
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE – REGISTER WRITE
SDIN is used for the program data, SCLK is used to clock in the program data and CSB is used to
latch in the program data. SDIN is sampled on the rising edge of SCLK. The 3-wire interface write
protocol is shown in Figure 8.
Figure 8 3-Wire Serial Interface Register Write Protocol
•
W is a control bit indicating a read or write operation. 0 =write operation, 1 = read operation
•
REGA[6:0] is the register address.
•
DIN[7:0] is the data to be written to the register being addressed.
•
CSB is edge sensitive – the data is latched on the rising edge of CSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com