Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
20
DIGITAL ROUTING CONTROL
Figure 15 Digital Routing Paths within the WM8804
Digital signal routing within the WM8804 is controlled by the TXSRC register. In order to ensure
proper operation when changing TXSRC, the S/PDIF transmitter module should be powered down
prior to changing the TXSRC control register and powered up again once the routing path has been
changed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30
PWRDN
1Eh
2
SPDIFTXPD
1
S/PDIF Transmitter Powerdown
0 = S/PDIF transmitter enabled
1 = S/PDIF transmitter disabled
R21
SPDTX4
15h
6
TXSRC
1
S/PDIF Transmitter Data Source
0 = S/PDIF Received Data –
SPDIFTXCLK Source = CLK2
1 = Digital Audio Interface
Received Data – SPDIFTXCLK
Source = MCLK Input/Output
Signal at MCLK Pin
Table 18 Digital Signal Routing Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com