Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
42
ERROR HANDLING IN SOFTWARE MODE
When the TRANS_ERR flag is asserted, it indicates that the recovered Rx S/PDIF sub-frame is
corrupted. This corruption can due to a BI-Phase error, a parity error or a pre-amble error. When the
INVALID flag is asserted, it indicates that the recovered Rx S/PDIF sub-frame has been marked as
being invalid by the source of the S/PDIF data. Both TRANS_ERR and INVALID indicate an error.
The S/PDIF receiver has two modes of handling for these errors, manual and automatic. The
mechanism for each flag is similar. The mechanisms are described below.
MANUAL ERROR HANDLING
This manual handling of errored Rx S/PDIF data can be used when an application processor is being
interrupted via the INT_N signal. Appropriate action should be taken by the application processor to
handle the error condition
If the TRANS_ERR and INVALID error flags are not masked using the MASK register, the recovered
S/PDIF Rx data is passed to the digital audio interface or to the S/PDIF transmitter irrespective of the
state of the flag and the data content of the recovered stream.(Also refer to note below). In this case,
the application processor will be interrupted via the INT_N signal.
AUTOMATIC ERROR HANDLING
This automatic handling of errored Rx S/PDIF data can be used when an application processor is not
being interrupted via the INT_N signal leaving the WM8804 to handle the error condition.
If the TRANS_ERR and INVALID error flags are masked using the MASK register, the WM8804
output data from the S/PDIF Rx interface depends on the setting of FILLMODE. If FILLMODE=1,
then the incoming data (which is errored) is overwritten with 0’s. If FILLMODE=0, then the last valid
data sample is repeatedly output.
For the INVALID flag, the automatic error handling can be disabled if ALWAYSVALID =1. If
ALWAYSVALID is set, then the recovered Rx S/PDIF data, which is marked as invalid, will be
allowed to pass to the digital audio interface or to the S/PDIF transmitter. The data will not be
modified in any way.
Note:
For the S/PDIF receiver to S/PDIF transmitter data path, only the INVALID flag will cause data to be
overwritten, the TRANS_ERR flag is not used to overwrite data which is passed to the S/PDIF
transmitter.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
FILLMODE
0
Fill Mode Overwrite Configuration
Determines S/PDIF receiver action when TRANS_ERR or
INVALID flag is masked and error condition sets the flag:
0 = Data from S/PDIF receiver is overwritten with last valid
data sample when flag is set.
1 = Data from S/PDIF receiver is overwritten as all zeros
when flag is set.
R8
PLL6
08h
6
ALWAYSVALID
0
Automatic Error Handling Configuration for INVALID
Flag
0 = INVALID flag automatic error handling enabled.
1 = INVALID flag automatic error handling disabled.
Table 51 S/PDIF Receiver Automatic Error Handling Configuration Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com