Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8804 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
w
WM8804
1:1 Digital Interface Transceiver with PLL
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, September 2007, Rev 4.1
Copyright
©2007 Wolfson Microelectronics plc
DESCRIPTION
The WM8804 is a high performance consumer mode
S/PDIF transceiver with support for 1 received channel and
1 transmitted channel.
A crystal derived, or externally provided high quality master
clock is used to allow low jitter recovery of S/PDIF supplied
master clocks.
Generation of all typically used audio clocks is possible
using the high performance internal PLL. A dedicated
CLKOUT pin provides a high drive clock output.
A pass through option is provided which allows the device
simply to be used to clean up (de-jitter) the received digital
audio signals.
The device may be used under software control or stand
alone hardware control modes. In software control mode,
both 2-wire with read back and 3-wire interface modes are
supported.
Status and error monitoring is built-in and results can be
read back over the control interface, on the GPO pins or
streamed over the audio data interface in ‘With Flags’ mode
(audio data with status flags appended).
The audio data interface supports I
2S, left justified, right
justified and DSP audio formats of 16-24 bit word length,
with sample rates from 32 to 192ks/s.
The device is supplied in a 20-lead Pb-free SSOP package.
FEATURES
•
S/PDIF (IEC60958-3) compliant.
•
Advanced jitter attenuating PLL with low intrinsic period
jitter of 50 ps RMS.
•
S/PDIF recovered clock using PLL, or stand alone crystal
derived clock generation.
•
Supports 10 – 27MHz crystal clock frequencies.
•
2-wire / 3-Wire serial or hardware control interface.
•
Programmable audio data interface modes:
-
I2S, Left, Right Justified or DSP
-
16/20/24 bit word lengths
•
1 channel receiver input and 1 channel transmit output.
•
Auto frequency detection / synchronisation.
•
Selectable output status data bits.
•
Up to 3 configurable GPO pins.
•
De-emphasis flag output.
•
Non-audio detection including DOLBYTM and DTSTM.
•
Channel status changed flag.
•
Configurable clock distribution with selectable output
MCLK rate of 512fs, 256fs, 128fs and 64fs.
•
2.7 to 3.6V digital and PLL supply voltages.
•
20-lead SSOP package.
APPLICATIONS
•
AV processors and Hi-Fi systems
•
Music industry applications
•
DVD-P/DVD-RW
•
Digital TV
BLOCK DIAGRAM


Similar Part No. - WM8804

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8804 CIRRUS-WM8804 Datasheet
723Kb / 66P
1:1 Digital Interface Transceiver with PLL
More results

Similar Description - WM8804

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4289BM ATMEL-U4289BM Datasheet
163Kb / 10P
AM/FM PLL with 1 Switch
logo
Wolfson Microelectronic...
WM8805 WOLFSON-WM8805 Datasheet
853Kb / 65P
8:1 Digital Interface Transceiver with PLL
logo
VTI technologies
SCA830-D07 VTI-SCA830-D07 Datasheet
107Kb / 6P
1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
Digital Audio Interface Transceiver
logo
Exar Corporation
XRT6164 EXAR-XRT6164_10 Datasheet
114Kb / 2P
Digital Line Interface Transceiver
logo
Murata Manufacturing Co...
SCA830-D07 MURATA-SCA830-D07 Datasheet
186Kb / 5P
SCA830-D07 1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
SCA830-D07-1 MURATA-SCA830-D07-1 Datasheet
158Kb / 6P
SCA830-D07 1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
logo
Cirrus Logic
WM8804 CIRRUS-WM8804 Datasheet
723Kb / 66P
1:1 Digital Interface Transceiver with PLL
WM8805 CIRRUS-WM8805 Datasheet
878Kb / 66P
8:1 Digital Interface Transceiver with PLL
logo
List of Unclassifed Man...
HT140WXB-100 ETC-HT140WXB-100 Datasheet
1Mb / 35P
1 Channel LVDS Interface with 1 pixel / clock
2009.6.27.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com