Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
10
CONTROL INTERFACE – 2-WIRE MODE
SDIN
SCLK
t
STHO
t
SCY
t
DSU
t
STSU
t
STHO
t
STOP
t DH
Figure 5 Control Interface Timing – 2-Wire Serial Control Mode
Test Conditions
PVDD = 3.3V, DVDD = 3.3V, PGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK cycle time
tSCY
2500
ns
SCLK duty cycle
40/60
60/40
%
SCLK frequency
400
kHz
Hold Time (Start Condition)
tSTHO
600
ns
Setup Time (Start Condition)
tSTSU
600
ns
Data Setup Time
tDSU
100
ns
SDIN, SCLK Rise Time
300
ns
SDIN, SCLK Fall Time
300
ns
Setup Time (Stop Condition)
tSTOP
600
ns
Data Hold Time
tDH
900
ns
SCLK glitch suppression
tps
2
8
ns
Table 5 Control Interface Timing – 2-Wire Serial Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com