Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
18
SOFTWARE REGISTER RESET
Writing to register 0000000 will reset the WM8804. This will reset all register bits to their default
values. The WM8804 is powered down by default so writing to this register will power down the
device.
DEVICE ID AND REVISION IDENTIFICATION
Registers 0,1 and 2 can be read to identify the device ID and IC revision number. Refer to Table 12
for details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
RESET
N/A
Writing to this register will apply a
reset to the device.
R00
RST/DEVID1
00h
7:0
DEVID1[7:0]
00000101
Reading from this register will return
the second part of the device ID
00000101 = 0x05
R01
DEVID2
01h
(read only)
7:0
DEVID2[7:0]
10001000
Reading from this register will return
the first part of the device ID
10001000 = 0x88
R02
DEVREV
02h
3:0
DEVREV
[3:0]
N/A
Reading from this register will return
the device revision.
0x1 = revision 1
Table 12 Software Reset Register and Device ID
HARDWARE CONTROL MODE
The WM8804 can be operated in either software or hardware control modes. The method of control
is determined by sampling the state of the SDIN pin during power up or hard reset. If SDIN is LOW
during power up or hardware reset, the WM8804 will be switched into hardware control mode.
PIN
0
1
SDIN
Hardware control Mode
Software control Mode
Table 13 Hardware / Software Mode Configuration
In hardware control mode the user has limited control over the configuration of the device. Most of
the features will assume default values but some can be configured using external pins. When the
device is configured in hardware control mode, all functions of the device are powered up.
The clock and data recovery module requires a 12 MHz crystal derived clock reference as the
default values for this module cannot be altered in hardware control mode.
MASTER / SLAVE MODE SELECTION
The WM8804 can be configured in either master or slave mode. In software control mode this is set
by writing to AIF_MS in the AIFRX register. In hardware control mode this is controlled by sampling
the SCLK pin on power up or hardware reset.
PIN
(HARDWARE
MODE)
REGISTER
(SOFTWARE
MODE)
0
1
SCLK
AIF_MS
Slave mode
Master mode
Table 14 Master / Slave Mode Configuration in Hardware Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com