Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
Production Data
WM8804
w
PD Rev 4.1 September 2007
61
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
AIFRX_LRP
0
Right, left and I2S modes – LRCLK polarity and
DSP mode select
1 = invert LRCLK polarity / DSP Mode B
0 = normal LRCLK polarity / DSP Mode A
6
AIF_MS
0
Audio Interface Master/Slave Interface
Select
0 = Slave Mode – LRCLK, BCLK are inputs
1= Master Mode – LRCLK and BCLK are
outputs
2:0
READMUX
[2:0]
000
Status Register Select
Determines which status register is to be read
back:
000 = Interrupt Status Register
001 = Channel Status Register 1
010 = Channel Status Register 2
011 = Channel Status Register 3
100 = Channel Status Register 4
101 = Channel Status Register 5
110 = S/PDIF Status Register
3
CONT
0
Continuous Read Enable
0 = Continuous read-back mode disabled
1 = Continuous read-back mode enabled
4
WITHFLAG
0
‘With Flags’ Mode Select
0: ‘With Flags’ Mode disabled
1: ‘With Flags’ Mode enabled
6
WL_MASK
0
S/PDIF Receiver Word Length Truncation
Mask
0 = disabled, data word is truncated as
described in Table 44 S/PDIF Receiver
Channel Status Register 5
1 = enabled, data word is not truncated.
R29
SPDRX1
1Dh
7
SPD_192K_EN
1
S/PDIF Receiver 192kHz Support Enable
0 = disabled, S/PDIF receiver maximum
supported sampling frequency is 96kHz
1 = enabled, S/PDIF receiver maximum
supported sampling frequency is 192kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com