Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
Production Data
WM8804
w
PD Rev 4.1 September 2007
15
3-WIRE SERIAL CONTROL MODE REGISTER READ-BACK
Not all registers can be read. Only the device ID (registers R0, R1 and R2) and the status registers
can be read. These status registers are labelled as “read only” in the Register Map section.
The read-only status registers can be read back via the SDOUT pin. The registers can be read by
one of two methods, selected by the CONT register bit and the ‘W’ control bit. The oscillator must be
powered up before 3-wire control interface read-back is possible.
When CONT =1 and ‘W’=0, a single read-only register can be read back by writing to any other
register or to a dummy register. The register to be read is determined by the READMUX[2:0] bits.
When a write to the device is performed, the device will respond by returning the status byte in the
register selected by the READMUX register bits. This 3-wire interface read back method using a write
access is shown in Figure 9.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
READMUX
[2:0]
000
Status Register Select
Determines which status register
is to be read back:
000 = Interrupt Status Register
001 = Channel Status Register 1
010 = Channel Status Register 2
011 = Channel Status Register 3
100 = Channel Status Register 4
101 = Channel Status Register 5
110 = S/PDIF Status Register
R29
SPDRX1
1Dh
3
CONT
0
Continuous Read Enable
0 = Continuous read-back mode
disabled
1 = Continuous read-back mode
enabled
Table 10 Read-Back Control Register
The SDOUT pin is tri-state unless CSB is held low; therefore CSB must be held low for the duration
of the read.
Figure 9 3-Wire Control Interface Read-Back Method 1
The second method of reading the read only status registers is If CONT=0 and ‘W’=1. Using this
method the user can read back directly from a register by reading the register address. The device
will respond with the contents of the register. The protocol for this read-back method is shown in
Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com