Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
Production Data
WM8804
w
PD Rev 4.1 September 2007
57
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:4
REC_FREQ
[1:0]
--
Recovered Frequency Flag
Indicates recovered S/PDIF clock frequency:
00 = 192kHz
01 = 96kHz or 88.2kHz
10 = 48kHz or 44.1kHz
11 = 32kHz
6
UNLOCK
-
Unlock Flag
Indicates that the S/PDIF Rx clock recovery
circuit is unlocked.
0 = Locked onto incoming S/PDIF stream.
1 = Not locked onto the incoming S/PDIF
stream.
0
CON/PRO
0
Use Of Channel Status Block
0 = Consumer Mode
1 = Professional Mode
The WM8804 is a consumer mode device.
Detection of professional mode may give
erroneous behaviour.
1
AUDIO_N
0
Linear PCM Identification
0 = Data word represents audio PCM samples.
1 = Data word does not represent audio PCM
samples.
2
CPY_N
0
Copyright Information
0 = Copyright is asserted for Rx data.
1 = Copyright is not asserted for Rx data.
3
DEEMPH
0
Additional Format Information
0 = Recovered S/PDIF data has no pre-
emphasis.
1 = Recovered S/PDIF data has pre-emphasis.
5:4
Reserved
00
Reserved for additional de-emphasis modes.
R13
RXCHAN1
0Dh
(read-only)
7:6
CHSTMODE
[1:0]
00
Channel Status Mode
00 = Only valid mode for consumer
applications.
R14
RXCHAN2
0Eh
(read-only)
7:0
CATCODE
[7:0]
00000000
Category Code
Refer to S/PDIF specification (IEC 60958-3) for
full details.
0x00h indicates “general” mode.
3:0
SRCNUM
[3:0]
0000
S/PDIF Source Number
Refer to S/PDIF specification (IEC 60958-3) for
full details.
5:4
CHNUM1[1:0]
00
Channel Number For Sub-frame 1
00 = do not use channel number
01 = channel 1 to left channel
10 = channel 1 to right channel
R15
RXCHAN3
0Fh
(read-only)
7:6
CHNUM2[1:0]
00
Channel Number For Sub-frame 2
00 = do not use channel number
01 = channel 2 to left channel
10 = channel 2 to right channel
R16
RXCHAN4
3:0
FREQ[3:0]
0001
Indicated Sampling Frequency
Refer to S/PDIF specification (IEC 60958-3) for
full details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com