Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
Production Data
WM8804
w
PD Rev 4.1 September 2007
19
DIGITAL ROUTING CONTROL
See page 20 for a full description of the signal routing options available in the WM8804. In Software
control mode the value set in register TXSRC determines the S/PDIF transmitter data source. In
hardware control mode the value of TXSRC can be set using the CSB pin.
PIN
(HARDWARE
MODE)
REGISTER
(SOFTWARE
MODE)
0
1
CSB
TXSRC
S/PDIF Rx
AIF Rx
Table 15 S/PDIF Transmitter Digital Routing Control Configuration
AUDIO INTERFACE CONTROL
In software control mode the audio data word length and audio data format can be set independently
for the receiver and transmitter sides of the interface. However, in hardware control mode both sides
of the interface are combined and the configuration is set using SDOUT and GPO0 pins as described
in Table 6 and Table 16. Note that AIF_CONF[1:0] configures the audio interface when the device
operates in hardware mode.
GPO0 /
AIFCONF[1]
SDOUT /
AIFCONF[0]
DESCRIPTION
0
0
16-bit I2S
0
1
24-bit I2S
1
0
24-bit Left Justified With Flags
1
1
16-bit Right Justified
Table 16 Digital Audio Interface Control in Hardware Control Mode
STATUS INFORMATION
In hardware control mode the WM8804 outputs a selection of status flags for the user. Table 17
describes the flags which are available and the output pins on which they are available.
PIN
STATUS FLAG
SCLK
TRANS_ERR
SDOUT
NON_AUDIO
CSB
UNLOCK
GPO0
GEN_FLAG
Table 17 Hardware Control Mode Status Flag Configuration
A full description of the status flags is given in Table 45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com