Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
6
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
2.7
3.6
V
Ground
DGND
0
V
PLL supply range
PVDD
2.7
3.6
V
Ground
PGND
0
V
Notes:
1.
PLL and digital supplies must always be within 0.3V of each other.
2.
PLL and digital grounds must always be within 0.3V of each other.
SUPPLY CURRENT
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply current
IDVDD
DVDD = 3.3V
14.9
mA
PLL supply current
IPVDD
PVDD = 3.3V
1.7
mA
Power Consumption
DVDD/PVDD = 3.3V
54.8
mW
Standby Power
Consumption
DVDD/PVDD = 3.3V
Device powered down
0.11
mW
ELECTRICAL CHARACTERISTICS
Test Conditions
PVDD = 3.3V, DVDD = 3.3V, PGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Jitter Characteristics
Intrinsic Period Jitter
Ji
50
ps
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.3 x DVDD
V
Input HIGH level
VIH
0.7 x DVDD
V
Output LOW
VOL
0.1 x DVDD
V
Output HIGH
VOH
0.9 x DVDD
V
Isource
25
mA
CLOCKOUT buffer drive
capability
Isink
CMOS
20pF load
25
mA
S/PDIF Receiver Characteristics
Input Resistance
23
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com