Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
Production Data
WM8804
w
PD Rev 4.1 September 2007
55
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
SPDMODE
09h
0
SPDIFINMODE
1
S/PDIF Input Mode Select
Selects the input circuit type for the receiver
input.
0 = CMOS input
1 = Comparator input. Compatible with
500mVppAC coupled consumer S/PDIF input
signals. Refer to S/PDIF specification (IEC
60958-3) for full details.
R10
INTMASK
0Ah
7:0
MASK[7:0]
00000000
Interrupt Mask Enable
When a flag is masked, it does not update the
Interrupt Status Register or cause an INT_N
interrupt to be asserted.
0 = unmask, 1 = mask.
MASK[0] = mask control for UPD_UNLOCK
MASK[1] = mask control for INT_INVALID
MASK[2] = mask control for INT_CSUD
MASK[3] = mask control for INT_TRANS_ERR
MASK[4] = mask control for
UPD_NON_AUDIO
MASK[5] = mask control for UPD_CPY_N
MASK[6] = mask control for UPD_DEEMPH
MASK[7] = mask control for UPD_REC_FREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com