Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
Production Data
WM8804
w
PD Rev 4.1 September 2007
59
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
SRCNUM
[3:0]
0000
Source Number
Refer to S/PDIF specification (IEC 60958-3) for
full details.
Channel Number for Subframe 1
CHNUM1
Channel Status Bits[21:20]
Function
00
Do not use channel number
01
Send to Left Channel
10
Send to Right Channel
5:4
CHNUM1[1:0]
00
11
Do not use channel number
Channel Number for Subframe 2
CHNUM2
Channel Status Bits[23:22]
Function
00
Do not use channel number
01
Send to Left Channel
10
Send to Right Channel
R20
SPDTX3
14h
7:6
CHNUM2[1:0]
00
11
Do not use channel number
3:0
FREQ[3:0]
0001
Indicated Sampling Frequency
Refer to S/PDIF specification (IEC 60958-3) for
full details.
0001 = Sampling Frequency not indicated.
5:4
CLKACU[1:0]
11
Clock Accuracy of Transmitted Clock
00 = Level II
01 = Level I
10 = Level III
11 = Interface frame rate not matched to
sampling frequency.
6
TXSRC
1
S/PDIF Transmitter Data Source
0 = S/PDIF Received Data – SPDIFTXCLK
Source = CLK2
1 = Digital Audio Interface Received Data –
SPDIFTXCLK Source = MCLK Input/Output
Signal at MCLK Pin
R21
SPDTX4
15h
7
TXSTATSRC
0
S/PDIF Transmitter Channel Status Data
Source
0 = Received channel status data
1 = Transmit channel status registers
Note : Only used if TXSRC=0
0
MAXWL
1
Maximum Audio Sample Word Length
0 = 20 bits
1 = 24 bits
Audio Sample Word Length
Used with MAXWL to indicate Tx word length
000 = Word length not indicated
TXWL[2:0]
MAXWL==1
MAXWL==0
001
20 bits
16 bits
010
22 bits
18 bits
100
23 bits
19 bits
101
24 bits
20 bits
110
21 bits
17 bits
3:1
TXWL[2:0]
101
All other combinations reserved
R22
SPDTX5
16h
7:4
ORGSAMP
[3:0]
0000
Original Sampling Frequency
Refer to S/PDIF specification (IEC 60958-3) for
full details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com