Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
56
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
UPD_UNLOCK
-
UNLOCK Update Signal
0 = INT_N not caused by a toggle of UNLOCK
flag
1 = INT_N caused by a toggle of UNLOCK flag
1
INT_INVALID
-
INVALID Flag Interrupt Signal
0 = INT_N not caused by INVALID flag
1 = INT_N caused by INVALID flag
2
INT_CSUD
-
INT_CSUD Interrupt Signal
0 = INT_N not caused by CSUD flag
1 = INT_N caused by CSUD flag
3
INT_TRANS_ERR
-
TRANS_ERR Flag Interrupt Signal
0 = INT_N not caused by TRANS_ERR flag
1 = INT_N caused by TRANS_ERR flag
4
UPD_NON_AUDIO
-
NON_AUDIO Update Signal
0 = INT_N not caused by a toggle of AUDIO_N
or PCM_N flags
1 = INT_N caused by a toggle of AUDIO_N or
PCM_N flags
5
UPD_CPY_N
-
CPY_N Update Signal
0 = INT_N not caused by a toggle of CPY_N
flag
1 = INT_N caused a toggle of CPY_N flag
6
UPD_DEEMPH
-
DEEMPH Update Signal
0 = INT_N not caused by a toggle of DEEMPH
flag
1 = INT_N caused by a toggle of DEEMPH flag
R11
INTSTAT
0Bh
(read-only)
7
UPD_REC_FREQ
-
REC_FREQ Update Signal
0 = INT_N not caused by a toggle of
REC_FREQ flag
1 = INT_N caused by a toggle of REC_FREQ
flag
0
AUDIO_N
-
Audio Status Flag
Recovered channel status bit-1.
0 = Data word represents audio PCM samples.
1 = Data word does not represent audio PCM
samples.
1
PCM_N
-
Non-PCM Flag
Indicates that non-audio code (defined in IEC-
61937) has been detected.
0 = Sync code not detected.
1 = Sync code detected – received data is not
audio PCM.
2
CPY_N
-
Non-Copyright Flag
Recovered Channel Status bit-2.
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.
R12
SPDSTAT
0Ch
(read-only)
3
DEEMPH
-
De-emphasis Flag
Recovered Channel Status bit-3.
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com