Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Production Data
WM8804
w
PD Rev 4.1 September 2007
39
NON_AUDIO
Non-Audio Flag
Logical OR of PCM_N and AUDIO_N
Interrupt status
register,
GPO,
SDOUT - hardware
mode
CSUD
Channel Status Update
Indicates that channel status registers have updated and may be read back
over the serial interface.
Interrupt status
register,
GPO
DEEMPH
De-emphasis Flag
0 = Recovered data has no pre-emphasis
1 = Recovered data has pre-emphasis
S/PDIF Status
Register,
GPO
Table 45 S/PDIF Receiver Status Flags Description
‘WITH FLAGS’ MODE
The WM8804 features a ‘With Flags’ mode to enable the user to append status flags to the audio
sample streamed transmitted from the digital audio interface. When WITHFLAG is set to 1 ‘With
Flags’ mode is enabled and the flags in Table 47 are appended to the LSB of the audio sample. If
WITHFLAG is set to 0 ‘With Flags’ mode is disabled and only the audio sample is transmitted from
the digital audio interface.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R29
SPDRX1
1Dh
4
WITHFLAG
0
Enable With Flags Mode
0 = Disabled
1 = Enabled
Table 46 With Flags Mode Control Register
WITH FLAGS BIT ORDER
FLAG
0
V
1
U
2
C
3
192BLK
4
CSUD
5
TRANS_ERR
6
UNLOCK
7
NON_AUDIO
Table 47 Flags Appended to Audio Sample in ‘With Flags’ Mode
Diagrams illustrating ‘With Flags’ mode for each audio data format can be found on page 48 of the
data sheet (Figure 23 to Figure 27).
Note: 24-bit RJ digital audio interface mode does not support ‘With Flags’ mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com