Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
Production Data
WM8804
w
PD Rev 4.1 September 2007
25
OSC
CLK
(MHz)
PRE-
SCALE
F1
(MHz)
F2
(MHz)
R
PLL_N
(Hex)
PLL_K
(Hex)
FREQ
MODE
[1:0]
MCLK
DIV
MCLK
(MHz)
CLKOUT
DIV
[1:0]
CLK
OUT
(MHz)
12
0
12
98.304
8.192
8
C49BA
00
1
24.576
01
49.152
12
0
12
98.304
8.192
8
C49BA
10
0
12.288
00
24.576
12
0
12
98.304
8.192
8
C49BA
10
1
6.144
01
12.288
12
0
12
98.304
8.192
8
C49BA
10
0
12.288
10
6.144
12
0
12
98.304
8.192
8
C49BA
10
1
6.144
11
3.072
24
1
12
90.3168
7.5264
7
21B089
01
0
22.5792
00
45.1584
24
1
12
90.3168
7.5264
7
21B089
10
0
11.2896
00
22.5792
24
1
12
90.3168
7.5264
7
21B089
10
1
5.6448
01
11.2896
24
1
12
90.3168
7.5264
7
21B089
10
0
11.2896
10
5.6448
24
1
12
90.3168
7.5264
7
21B089
10
1
5.6448
11
2.8224
27
1
13.5
98.304
7.2818
7
1208A5
10
0
12.288
01
12.288
27
1
13.5
98.304
7.2818
7
1208A5
10
1
6.144
10
6.144
27
1
13.5
90.3168
6.6901
6
2C2B24
10
0
11.2896
01
11.2896
27
1
13.5
90.3168
6.6901
6
2C2B24
10
1
5.6448
10
5.6448
Table 23 User Mode PLL Configuration Examples
When considering settings not shown in this table, the key configuration parameters which must be
selected for optimum operation are:
•
90MHz
≤ f2 ≤ 100MHz
•
5
≤ PLL_N ≤ 13
•
OSCCLOCK = 10 to 14.4MHz or 16.28 to 27MHz
PLL INTEGER AND FRACTIONAL CONTROL MODES
The PLL can be operated in either fractional or integer control modes. In PLL User Mode, it is
recommended that the PLL should be operated in fractional control mode at all times. When
the S/PDIF receiver is enabled, the PLL must be operated in fractional control mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
PLL5
07h
2
FRACEN
1
Integer/Fractional PLL Mode
Select
0 = Integer PLL (PLL_N value used,
PLL_K value ignored)
1 = Fractional PLL (both PLL_N and
PLL_K values used)
Note: FRACEN must be set to
enable the fractional PLL when
using S/PDIF Receive Mode.
Table 24 PLL Fractional/Integer Mode Select
MASTER CLOCK (MCLK)
The master clock (MCLK) signal is used to supply reference clock signals to the following circuit
blocks:
•
The Digital Audio Interface
•
The S/PDIF Transmitter
The master clock (MCLK) pin can be configured as either a clock input or output depending on the
digital audio interface mode as shown in Table 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com