Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
12
. . . . . . . . .
Frame
192
Frame
1
Subframe 1
Subframe 2
Sync
preamble
Aux
V
U
C
P
Audio Sample Word
3 4
7 8
27 28
0
31
32 bits
Figure 6 S/PDIF Format
POWER UP CONFIGURATION
The operating mode of the WM8804 is dependent upon the state of SDIN, SCLK, SDOUT, CSB and
GPO0 when the device is powered up or a hardware reset occurs. Table 6 summarises the
configuration options.
HW RESET = 0
HW RESET = 1
SWMODE
HWMODE
SWMODE
HWMODE
SDIN
HWMODE / SWMODE Select
SDIN
N/A
SCLK
N/A
AIF_MS
SCLK
GPO
(TRANS_ERR)
2-wire
3-wire
SDOUT
N/A
AIF_CONF[0]
GPO
SDOUT
GPO
(NON_AUDIO)
2-wire
3-wire
2-wire
3-wire
CSB
Device
Address
N/A
TXSRC
GPO
CSB
GPO
(UNLOCK)
GPO0
2-wire/3-wire
Mode Select
AIF_CONF[1]
GPO
GPO
(GEN_FLAG)
Note: AIF_CONF[1:0] configures the audio interface when the device operates in hardware mode.
Refer to Table 16 for description of modes.
Table 6 Device Configuration at Power up or Hardware Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com