Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8804 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
Production Data
WM8804
w
PD Rev 4.1 September 2007
23
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3
PLL1
03h
7:0
PLL_K[7:0]
00100001
R4
PLL2
04h
7:0
PLL_K[15:8]
11111101
R5
PLL3
05h
5:0
PLL_K[21:16]
00110110
Fractional (K) part of PLL frequency
ratio (R).
Value K is one 22-digit binary
number spread over registers R3,
R4 and R5 as shown.
Note: PLL_K must be set to
specific values when the S/PDIF
receiver is used. Refer to S/PDIF
Receiver clocking section for
details.
R6
PLL4
06h
3:0
PLL_N[3:0]
0111
Integer (N) part of PLL frequency
ratio (R).
Use values in the range 5 ≤ PLL_N
≤ 13 as close as possible to 8
Note: PLL_N must be set to
specific values when the S/PDIF
receiver is used. Refer to S/PDIF
Receiver clocking section for
details.
Table 21 User Mode PLL_K and PLL_N Multiplier Control
PLL CONFIGURATION
The PLL performs a configurable frequency multiplication of the input clock signal (f1). The
multiplication factor of the PLL (denoted by ‘R’) is variable and is defined by the relationship: R = (f2 ÷
f1).
The multiplication factor is set using register bits PLL_N and PLL_K (refer to Table 21). The
multiplication effect of both the N and K multipliers are additive (i.e. if N is configured to provide a
multiplication factor of 8 and K is configured to provide a multiplication factor of 0.192, the overall
multiplication factor is 8 + 0.192 = 8.192).
In order to choose and configure the correct values for PLL_N and PLL_K, multiplication factor R
must first be calculated. Once value R is calculated, the value of PLL_N is the integer (whole
number) value of R, ignoring all digits to the right of the decimal point. For example, if R is calculated
to be 8.196523, PLL_N is simply 8.
Once PLL_N is calculated, the PLL_K value is simply the integer value of (222 (R-PLL_N)). For
example, if R is 8.196523 and PLL_N is 8, PLL_K is therefore (222 (8.196523-8)), which is 824277
(ignoring all digits to the right of the decimal point).
Note: The PLL is designed to operate with best performance (shortest lock time and optimum
stability) when f2 is between 90 and 100MHz and PLL_N is 8. However, acceptable PLL_N values lie
in the range 5 ≤ PLL_N ≤ 13. Do not use values outwith this range and it is recommended that the
chosen value of PLL_N is as close to 8 as possible for optimum performance.
An output divider is provided to allow the f2 clock signal to be divided to a frequency suitable for use
as the source for the MCLK, CLKOUT or S/PDIF transmitter. The divider output is configurable and is
set by the FREQMODE bits. The PLL is also equipped with a pre-scale divider which offers
frequency divide by one or two before the OSCCLK signal is fed to the PLL. Please refer to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com