Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 19 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 19 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 15Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 16Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 17Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 18Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 19Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 20Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 21Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 22Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 23Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
7
• Extracts up to 21 bit asynchronous mapped VT2 virtual tributaries from an STS-1
SPE into E1 streams via an optional elastic store.
• Extracts up to 21 bit asynchronous mapped TU-12 tributary units from an STM-
1/VC4 TUG3 or STM-1/VC3 into E1 or T1 streams via an optional elastic store.
• Demapper ignores all transport overhead bytes, path overhead bytes and stuff
(R) bits
• Performs majority vote C-bit decoding to detect stuff requests.
Each one of three SONET/SDH DS3 Mapper Sections:
• Maps a DS3 stream into an STS-1 SPE (AU3).
• Sets all fixed stuff (R) bits to zeros or ones per microprocessor control
• Extracts a DS3 stream from an STS-1 SPE (AU3).
• Demapper ignores all transport overhead bytes, path overhead bytes and stuff
(R) bits
• Performs majority vote C-bit decoding to detect stuff requests
• Complies with DS3 to STS-1 asynchronous mapping standards
Each one of three DS3 Receiver Sections:
• Frames to a DS3 signal with a maximum average reframe time of less than 1.5
ms (as required by TR-TSY-000009 Section 4.1.2 and TR-TSY-000191 Section
5.2).
• Decodes a B3ZS-encoded signal and indicates line code violations. The
definition of line code violation is software selectable.
• Provides indication of M-frame boundaries from which M-subframe boundaries
and overhead bit positions in the DS3 stream can be determined by external
processing.
• Detects the DS3 alarm indication signal (AIS) and idle signal. Detection
algorithms operate correctly in the presence of a 10-3 bit error rate.
• Detection times of 2.23 ms and 13.5 ms are supported. The fast detection time
meets the requirement of TR-TSY-000191 Section 5. The longer detection time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com