Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 79Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 80Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 81Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 82Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 83Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 84Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 85Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 86Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
71
Table 1
- E1 framer Framing States
State
Out of Frame
Out of Offline Frame
FAS_Find_1
Yes
No
NFAS_Find
Yes
No
FAS_Find_2
Yes
No
BFA
No
No
CRC to CRC Interworking
No
No
FAS_Find_1_Par
No
Yes
NFAS_Find_Par
No
Yes
FAS_Find_2_Par
No
Yes
BFA_Par
No
No
CRC to non-CRC Interworking
No
No
The states of the primary basic framer and the parallel/offline framer in the E1
framer block at each stage of the CRC multiframe alignment algorithm are shown
in Table 1.
From an out of frame state, the E1 framer attempts to find basic frame alignment
in accordance with the FAS/NFAS/FAS G.706 Basic Frame Alignment procedure
outlined above. Upon achieving basic frame alignment, a 400 ms timer is
started, as well as an 8 ms timer. If two CRC multiframe alignment signals
separated by a multiple of 2 ms are observed before the 8 ms timer has expired,
CRC multiframe alignment is declared.
If the 8 ms timer expires without achieving multiframe alignment, a new offline
search for basic frame alignment is initiated. This search is performed in
accordance with the Basic Frame Alignment procedure outlined above.
However, this search does not immediately change the actual basic frame
alignment of the system (i.e., PCM data continues to be processed in
accordance with the first basic frame alignment found after an out of frame state
while this frame alignment search occurs as a parallel operation).
When a new basic frame alignment is found by this offline search, the 8 ms timer
is restarted. If two CRC multiframe alignment signals separated by a multiple of
2 ms are observed before the 8 ms timer has expired, CRC multiframe alignment
is declared and the basic frame alignment is set accordingly (i.e., the basic frame
alignment is set to correspond to the frame alignment found by the parallel offline
search, which is also the basic frame alignment corresponding to the newly
found CRC multiframe alignment).
Subsequent expirations of the 8 ms timer will likewise reinitiate a new search for
basic frame alignment. If, however, the 400 ms timer expires at any time during
this procedure, the E1 framer stops searching for CRC multiframe alignment and
declares CRC-to-non-CRC interworking. In this mode, the E1 framer may be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com