Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 17Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 18Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 19Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 20Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 21Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 22Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 23Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 24Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
9
• Provides optional automatic insertion of far end receive failure (FERF) on
detection of loss of signal (LOS), out of frame (OOF), alarm indication signal
(AIS) or red alarm condition.
• Provides diagnostic features to allow the generation of line code violation error
events, parity error events, framing bit error events, and when enabled for the C-
bit parity application, C-bit parity error events, and far end block error (FEBE)
events.
• Supports insertion of bit-oriented codes in the C-bit parity far end alarm and
control channel.
• Optionally inserts the C-bit parity path maintenance data link with an integral
HDLC transmitter. Supports polled and interrupt-driven operation.
• Provides programmable pseudo-random test sequence generation (up to 232-1
bit length sequences conforming to ITU-T O.151 standards) or any repeating
pattern up to 32 bits. The test pattern can be framed or unframed. Diagnostic
abilities include single bit error insertion or error insertion at bit error rates
ranging from 10-1 to 10-7.
M23 Multiplexer Section:
• Multiplexes 7 DS2 bit streams into a single M23 format DS3 bit stream.
• Performs required bit stuffing/destuffing including generation and interpretation of
C-bits.
• Includes required FIFO buffers for rate adaptation in the multiplex path.
• Allows insertion and detection of per DS2 payload loopback requests encoded in
the C-bits to be activated under microprocessor control.
• Internally generates a DS2 clock for use in integrated M13 or C-bit parity
multiplex applications. Alternatively accepts external DS2 clock reference.
• Allows per DS2 alarm indication signal (AIS) to be activated or cleared for either
direction under microprocessor control.
• Allows DS2 alarm indication signal (AIS) to be activated or cleared in the
demultiplex direction automatically upon loss of DS3 frame alignment or signal.
• Supports C-bit parity DS3 format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com