Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 36 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 36 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 32Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 33Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 34Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 39Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 40Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
24
In the ingress direction, each of the 63 2.048 Mbit/s links is either demultiplexed
from a DS3 according to ITU-T Rec. G.747 or extracted from SONET/SDH VT2
or TU-12 mapped bus.
The E1 performance monitors support detection of various alarm conditions such
as loss of frame, loss of signaling multiframe and loss of CRC multiframe. The
E1 framers also support reception of remote alarm signal, remote multiframe
alarm signal, alarm indication signal, and time slot 16 alarm indication signal.
E1 performance monitoring with accumulation of CRC-4 errors, far end block
errors and framing bit errors is provided. The TEMAP-84 provides a receive
HDLC controller for the detection and termination of messages on the national
use bits.
The TEMAP-84 can generate a low jitter transmit clock from a variety of clock
references, and also provides jitter attenuation in the receive path. Three jitter
attenuated recovered T1/E1 clocks can be routed outside the TEMAP-84 for
network timing applications.
A Scaleable Bandwidth Interconnect (SBI) high density byte serial system
interface provides higher levels of integration and dense interconnect. The SBI
bus interconnects up to 84 T1s or 63 E1 both synchronously or asynchronously.
The SBI allows transmit timing to be mastered by either the TEMAP-84 or link
layer device connected to the SBI bus. In addition to unframed T1s and E1s, the
TEMAP-84 can transport framed or unframed DS3 or E3 links over the SBI bus.
When configured as a DS3 multiplexer/demultiplexer or DS3 framer, the TEMAP-
84 accepts and outputs either digital B3ZS-encoded bipolar or unipolar signals
compatible with M23 and C-bit parity applications.
In the DS3 receive direction, the TEMAP-84 frames to DS3 signals with a
maximum average reframe time of 1.5 ms in the presence of 10-3 bit error rate
and detects line code violations, loss of signal, framing bit errors, parity errors, C-
bit parity errors, far end block errors, AIS, far end receive failure and idle code.
The DS3 framer is an off-line framer, indicating both out of frame (OOF) and
change of frame alignment (COFA) events. The error events (C-BIT, FEBE, etc.)
are still indicated while the framer is OOF, based on the previous frame
alignment. When in C-bit parity mode, the Path Maintenance Data Link and the
Far End Alarm and Control (FEAC) channels are extracted. HDLC receivers are
provided for Path Maintenance Data Link support. In addition, valid bit-oriented
codes in the FEAC channels are detected and are available through the
microprocessor port.
DS3 error event accumulation is also provided by the TEMAP-84. Framing bit
errors, line code violations, excessive zeros occurrences, parity errors, C-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com