Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 55 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 55 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 51Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 52Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 53Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 54Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 55Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 56Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 57Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 58Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 59Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
43
Pin Name
Type
Pin
No.
Function
LDV5
Input
W6 Line Drop Bus V5 Byte (LDV5). The incoming
tributary V5 byte signal marks the various tributary V5
bytes. LDV5 marks each tributary V5 byte on the
LDDATA[7:0] bus when high. The LDV5 input is only
used if the Ingress VTPP is bypassed (i.e. the
IVTPPBYP bit of the SONET/SDH Master Ingress
Configuration register is logic 1.)
LDV5 is sampled on the rising edge of LREFCLK.
LDTPL
Input
Y8
Line Drop Bus Tributary Payload Active (LDTPL).
The tributary payload active signal marks the bytes
carrying the tributary payload which have been
identified by an external payload processor. When this
signal is available, the internal pointer processor can
be bypassed. LDTPL is only respected for
asynchronously mapped tributaries.
LDTPL is high during each tributary payload byte on
the LDDATA[7:0] bus. In floating mode, LDTPL
contains valid data only for bytes in the VC3 or VC4
virtual containers, or the STS-1 SPE. It should be
ignored for bytes in the transport overhead. In locked
mode, LDTPL is low for transport overhead.
LDTPL is sampled on the rising edge of LREFCLK.
LDAIS
Input
AA8 Line Drop Bus Tributary Path Alarm Indication
Signal (LDAIS). The active high tributary path alarm
indication signal identifies tributaries on the incoming
data stream LDDATA[7:0] that are in AIS state. When
this signal is available, the internal pointer processor
can be bypassed. LDAIS is invalid when LDTPL is low.
LDAIS is only respected for asynchronously mapped
tributaries.
LDAIS is sampled on the rising edge of LREFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com