Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 63Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 64Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 65Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 66Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 67Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 68Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 69Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 70Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
55
Pin Name
Type
Pin
No.
Function
TDO
Output D1
Test Data Output (TDO). This signal carries test data
out of the TEMAP-84 via the IEEE P1149.1 test access
port. TDO is updated on the falling edge of TCK. TDO
is a tri-state output which is inactive except when
scanning of data is in progress.
TRSTB
Input
C1
Active low Test Reset (TRSTB). This signal provides
an asynchronous TEMAP-84 test access port reset via
the IEEE P1149.1 test access port. TRSTB is a
Schmitt triggered input with an integral pull up resistor.
TRSTB must be asserted during the power up
sequence.
Note that if not used, TRSTB must be connected to the
RSTB input.
Power and Ground Pins
VDD3.3[19]
VDD3.3[18]
VDD3.3[17]
VDD3.3[16]
VDD3.3[15]
VDD3.3[14]
VDD3.3[13]
VDD3.3[12]
VDD3.3[11]
VDD3.3[10]
VDD3.3[9]
VDD3.3[8]
VDD3.3[7]
VDD3.3[6]
VDD3.3[5]
VDD3.3[4]
VDD3.3[3]
VDD3.3[2]
VDD3.3[1]
Power A18
A22
AB17
D11
D16
D4
E1
F20
L1
L19
R21
R4
V2
W16
W4
W8
Y18
Y20
Y5
Power (VDD3.3[19:1]). The VDD3.3[19:1] pins should
be connected to a well decoupled +3.3V DC power
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com