Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 56 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 56 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 52Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 53Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 54Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 55Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 56Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 57Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 58Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 59Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 60Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
44
Pin Name
Type
Pin
No.
Function
RADEASTCK
Input
W7 Remote Alarm Port East Clock (RADEASTCK). The
remote serial alarm port east clock provides timing for
the east remote serial alarm port. It is nominally a
9.72 MHz clock, but can range from 1.344 MHz to
10 MHz.
Inputs RADEASTFP and RADEAST are sampled on
the rising edge of RADEASTCK.
RADEASTFP
Input
Y9
Remote Alarm Port East Frame Pulse
(RADEASTFP). The remote serial alarm port east
frame pulse is used to locate the alarm bits of the
individual tributaries in the east remote serial alarm
port. RADEASTFP is set high to mark the first BIP-2
error bit of tributary TU #1 in TUG2 #1 of TUG3 #1
carried in RADEAST. RADEASTFP must be set high
to mark every occurrence of this bit. TEMAP-84 will
not flywheel on RADEASTFP in order to accommodate
a variety of RADEASTCK frequencies.
RADEASTFP is sampled on the rising edge of
RADEASTCK.
RADEAST
Input
AA9 Remote Alarm Port Data East (RADEAST). The
remote serial alarm port east carries the tributary path
BIP-2 error count, RDI status, and RFI status in the
east remote serial alarm port. The first BIP-2 error bit
of tributary TU #1 in TUG2 #1 of TUG3 #1 on
RADEAST is marked by a high level on RADEASTFP.
The status carried on RADEAST is software selectable
to be reported by the RDI, RFI and REI alarms and is
selectable to be associated with any tributary on the
outgoing data stream LADATA[7:0].
RADEAST is sampled on the rising edge of
RADEASTCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com