Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 30Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 31Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 32Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 33Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 34Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
22
5.2 DS3/E3 Framer Only Block Diagram
Figure 5 shows the TEMAP-84 configured as a DS3 or E3 framer. In this mode
the TEMAP-84 provides access up to three full DS3/E3 unchannelized payloads.
The payload access (right side of diagram) has two clock and data interfacing
modes, one utilizing a gapped clock to mask out the DS3/E3 overhead bits and
the second utilizing an ungapped clock with overhead indications on a separate
overhead signal. The SBI bus can also be used to provide access to the
unchannelized DS3/E3.
Figure 5
- DS3/E3 Framer Only Mode Block Diagram
TCLK
TPOS/TDAT
TNEG/TMFP
RCLK/VCLK
RPOS/RDAT
RNEG/RLCV
TDATI
TFP I/TMFP I
RDATO
RFPO/RMFPO
ROVRHD
TRAN
DS3/E3
Transm it
Fram er
FRMR
DS3/E3
Receive
Fram er
B3ZS/
HDB3
Encode
B3ZS/
HDB3
Decode
PMON
Perf.
Monitor
RDLC
Rx
HDLC
TDPR
Tx
HDLC
TFPO/TMFPO/TGAPC LK
RGAPCLK/RSCLK
TICLK
3X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com