Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 9Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 10Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 11Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 12Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 13Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 14Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 15Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 16Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
1
1
FEATURES
• Integrates three SONET/SDH VT1.5/VT2/TU11/TU12 bit asynchronous or byte
synchronous mappers, three full featured M13 multiplexers with DS3 framers,
three E3 framers, and three SONET/SDH DS3 mappers in a single monolithic
device for terminating 84-1.544 Mbit/s or 63-2.048 Mbit/s data streams.
• Each SPE/DS3 independently programmable to allow the following modes of
operation:
• Five T1 modes of operation:
• Three STS-1, AU3 or TUG3 Bit Asynchronous VT1.5 or TU-11 Mappers with
ingress or egress per tributary link monitoring.
• Up to 84 T1 streams mapped as byte synchronous VT1.5 virtual tributaries into
three STS-1 SPEs or TU-11 tributary units into three STM-1/VC3 or TUG3 from a
STM-1/VC4.
• DS3 M13 Multiplexer with ingress or egress per link monitoring. Includes the
option to asynchronously map the DS3s into three STS-1/STM-0 SPEs.
• Up to 84 DS3 multiplexed 1.544 Mbit/s streams are mapped as bit asynchronous
VT1.5 virtual tributaries or TU-11 tributary units, providing a transmultiplexing
function between DS3 and SONET/SDH.
• Up to 63 T1 streams mapped as bit asynchronous TU-12 tributary units into three
STM-1/VC3 or TUG3 from a STM-1/VC4.
• Four E1 modes of operation:
• Three STS-1, AU3 or TUG3 Bit Asynchronous VT2 or TU-12 Mappers with
ingress or egress per tributary link monitoring.
• Up to 63 E1 streams mapped as byte synchronous VT2 virtual tributaries into
three STS-1 SPE or TU-12 tributary units into a STM-1/VC3 or TUG3 from a
STM-1/VC4.
• Up to 63 2.048 Mbit/s streams multiplexed into three DS3s following the ITU-T
G.747 recommendation. Includes the option to asynchronously map the DS3s
into three STS-1/STM-0 SPEs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com