Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 74 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 74 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 70Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 71Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 72Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 73Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 74Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 75Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 76Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 77Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 78Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
62
corresponding rate justifications at the SBI Drop Bus as indicated by the SDPL
signal. Regardless of the IVTPPBYP bit state, the SDV5 output will always
indicate the V5 byte location.
9.2 The Tributary Indexing
The TEMUX-84 is capable of transporting 84 1.544 Mbit/s (T1) or 63 2.048
Mbit/s (E1) tributaries. This section explains the correspondence between the
indexing systems of the various mapping and multiplexing formats: SBI Bus,
Telecom Bus and M13. The listed index systems are used throughout the
document.
The SBI Bus tributary designation uses two integers: the first represents the byte
interleaved SPE number (range 1 to 3) and the second is the link index within the
SPE (range 1 to 28).
The Telecom Bus indexing follows the conventions of the ITU-T multiplexing
structure. The bandwidth is divided into three TUG-3s numbered 1 through 3,
each of which is composed of seven TUG-2s numbered 1 through 7, each of
which is composed of either three TU-12s numbered 1 through 3 or four TU-11s
numbered 1 through 4.
The three DS3s are divided into seven DS2s, each of which is composed of
either four 1.544 Mbit/s or three 2.048 Mbit/s tributaries.
The payload capacity is divided into three equal portions. Each of the following
lists represents one set of equivalent tributaries:
• SPE #1, TUG-3 #1 and DS3 #1
• SPE #2, TUG-3 #2 and DS3 #2
• SPE #3, TUG-3 #3 and DS3 #3
Table 13 and Table 14 provide the equivalencies between the various multiplex
and mapping formats. Alternately, the formats can be equated with the following
formulae:
1.544Mbit/s SBI LINK #
= 7*(TU11-1) + TUG2
= 4*(DS2-1)+DS1
2.048Mbit/s SBI LINK #
= 7*(TU12-1) + TUG2
= 3*(DS2-1)+E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com