Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 84 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 84 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 80Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 81Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 82Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 83Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 84Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 85Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 86Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 87Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 88Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
72
optionally set to either halt searching for CRC multiframe altogether, or may
continue searching for CRC multiframe alignment using the established basic
frame alignment. In either case, no further adjustments are made to the basic
frame alignment, and no offline searches for basic frame alignment occur once
CRC-to-non-CRC interworking is declared: it is assumed that the established
basic frame alignment at this point is correct.
AIS Detection
When an unframed all-ones receive data stream is received, an AIS defect is
indicated by setting the AISD context bit to logic 1 when fewer than three zero
bits are received in 512 consecutive bits or, optionally, in each of two consecutive
periods of 512 bits. The AISD bit is reset to logic 0 when three or more zeros in
512 consecutive bits or in each of two consecutive periods of 512 bits. Finding
frame alignment will also cause the AISD bit to be set to logic 0.
E1 Alarm Integration
The OOF and the AIS defects are integrated, verifying that each condition has
persisted for 104 ms (± 6 ms) before indicating the alarm condition. The alarm is
removed when the condition has been absent for 104 ms (± 6 ms).
The AIS alarm algorithm accumulates the occurrences of AISD (AIS detection).
The E1 framer counts the occurrences of AISD over a 4 ms interval and indicates
a valid AIS is present when 13 or more AISD indications (of a possible 16) have
been received. Each interval with a valid AIS presence indication increments an
interval counter which declares AIS Alarm when 25 valid intervals have been
accumulated. An interval with no valid AIS presence indication decrements the
interval counter. The AIS Alarm declaration is removed when the counter
reaches 0. This algorithm provides a 99.8% probability of declaring an AIS Alarm
within 104 ms in the presence of a 10-3 mean bit error rate.
The Red alarm algorithm monitors occurrences of out of frame (OOF) over a
4 ms interval, indicating a valid OOF interval when one or more OOF indications
occurred during the interval, and indicating a valid in frame (INF) interval when
no OOF indication occurred for the entire interval. Each interval with a valid OOF
indication increments an interval counter which declares Red Alarm when 25
valid intervals have been accumulated. An interval with valid INF indication
decrements the interval counter; the Red Alarm declaration is removed when the
counter reaches 0. This algorithm biases OOF occurrences, leading to
declaration of Red alarm when intermittent loss of frame alignment occurs.
The E1 framer can also be disabled to allow reception of unframed data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com