Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 65 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 65 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 61Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 62Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 63Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 64Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 65Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 66Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 67Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 68Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 69Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
53
Pin Name
Type
Pin
No.
Function
Microprocessor Interface
INTB
Output
OD
T21 Active low Open-Drain Interrupt (INTB). This signal
goes low when an unmasked interrupt event is
detected on any of the internal interrupt sources. Note
that INTB will remain low until all active, unmasked
interrupt sources are acknowledged at their source.
CSB
Input
AA15 Active Low Chip Select (CSB). This signal is low
during TEMAP-84 register accesses.
The CSB input has an integral pull up resistor.
RDB
Input
W17 Active Low Read Enable (RDB). This signal is low
during TEMAP-84 register read accesses. The
TEMAP-84 drives the D[7:0] bus with the contents of
the addressed register while RDB and CSB are low.
WRB
Input
AB16 Active Low Write Strobe (WRB). This signal is low
during a TEMAP-84 register write access. The D[7:0]
bus contents are clocked into the addressed register
on the rising WRB edge while CSB is low.
D[0]
D[1]
D[2]
D[3]
D[4]
D[5]
D[6]
D[7]
I/O
U22
T20
V19
U21
U20
W22
Y22
Y21
Bidirectional Data Bus (D[7:0]). This bus provides
TEMAP-84 register read and write accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com