Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 81 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 81 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 77Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 78Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 79Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 80Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 81Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 82Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 83Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 84Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 85Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
69
frames, and the debounced value of the Remote Alarm bit (bit 3 of NFAS frames)
is reported. Loss of frame alignment is declared if 3 consecutive FASs have
been received in error or, additionally, if bit 2 of NFAS frames has been in error
for 3 consecutive occasions. In the presence of a random 10-3 bit error rate the
frame loss criteria provides a mean time to falsely lose frame alignment of >12
minutes.
The E1 framer can be forced to initiate a basic frame search at any time when
any of the following conditions are met:
• the software re-frame bit, REFR, in the T1/E1 Framer Indirect Channel Data
registers is set to logic 1;
• the CRC Frame Find Block is unable to find CRC multiframe alignment; or
• the CRC Frame Find Block accumulates excessive CRC evaluation errors (≥ 915
CRC errors in 1 second) and is enabled to force a re-frame under that condition.
CRC Multiframe Alignment Procedure
The E1 framer searches for CRC multiframe alignment by observing whether the
International bits (bit 1 of TS 0) of NFAS frames follow the CRC multiframe
alignment pattern. Multiframe alignment is declared if at least two valid CRC
multiframe alignment signals are observed within 8 ms, with the time separating
two alignment signals being a multiple of 2 ms
Once CRC multiframe alignment is found, the INCMF register bit is set to logic 1,
and the E1 framer monitors the multiframe alignment signal (MFAS), indicating
errors occurring in the 6-bit MFAS pattern, errors occurring in the received CRC
and the value of the FEBE bits (bit 1 of frames 13 and 15 of the multiframe).
The E1 framer declares loss of CRC multiframe alignment if basic frame
alignment is lost. However, once CRC multiframe alignment is found, it cannot
be lost due to errors in the 6-bit MFAS pattern.
Under the CRC-to-non-CRC interworking algorithm, if the E1 framer can achieve
basic frame alignment with respect to the incoming PCM data stream, but is
unable to achieve CRC-4 multiframe alignment within the subsequent 400 ms,
the distant end is assumed to be a non CRC-4 interface. The details of this
algorithm are illustrated in the state diagram in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com