Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 82 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 82 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 78Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 79Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 80Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 81Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 82Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 83Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 84Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 85Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 86Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
70
Figure 7
- CRC Multiframe Alignment Algorithm
FAS_Find_1
NFAS_Find
FAS_Find_2
BFA
CRC to CRC
Interworking
FAS_Find_1_Par
NFAS_Find_Par
FAS_Find_2_Par
BFA_Par
CRC to non-CRC
Interworking
FAS
found
NFAS
found
next fram e
FAS
found
next fram e
CRCMFA
NFAS
not found
next fram e
FAS
not found
next fram e
FAS
found
NFAS
not found
next fram e
FAS
not found
next fram e
NFAS
found
next fram e
400m s
expire
FAS
found
next fram e
Start 400m s tim er
and 8m s tim er
8m s expire
8m s expire and
NOT(400m s expire)
CRCMFA_Par
Start 8m s tim er
Reset BFA to
m ost recently
found alignm ent
Out of Fram e
CRCMFA_Par
(Optional setting)
3 consecutiv e FASor NFAS
errors; m anual refram e; or
excessiv e CRC errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com