Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 46 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 46 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 42Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 43Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 44Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 45Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 46Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 47Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 48Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 49Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 50Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
34
Pin Name
Type
Pin
No.
Function
Flexible Bandwidth Ports
Port #1 is associated with SBI SPE #1. Port #2 is associated with SBI SPE #2.
Port #3 is associated with SBI SPE #3.
IFBWCLK[3]
IFBWCLK[2]
IFBWCLK[1]
Input
N22
K19
H19
The Ingress Flexible Bandwidth Clocks
(IFBWCLK[3:1]). The IFBWCLK[3:1] clocks provide
the timing for an arbitrary bandwidth payload to be
inserted into the System Drop Bus (SDDATA[7:0]).
Each clock is associated with one SPE and is only
used when the associated SPE is configured to carry a
fractional payload by the OPMODE_SPEx[2:0] bits of
the SPE Configuration registers.
IFBWCLK[3:1] may have a maximum frequency of
51.84 MHz and may be gapped if required.
Each IFBWCLK samples the associated
IFBWDAT[3:1] and IFBWEN[3:1] inputs on the rising
edge.
IFBWDAT[3]
IFBWDAT[2]
IFBWDAT[1]
Input
N20
L20
J20
The Ingress Flexible Bandwidth Data
(IFBWDAT[3:1]). These inputs present bit serial data
for insertion into the System Drop Bus (SDDATA[7:0]).
Only bits for which the associated IFBWEN input is
sampled high are accepted. Each data input is
associated with one SPE and is only used when the
associated SPE is configured to carry a fractional
payload by the OPMODE_SPEx[2:0] bits of the SPE
Configuration registers.
IFBWDAT[3:1] are sampled on the rising edge of the
associated IFBWCLK input.
IFBWEN[3]
IFBWEN[2]
IFBWEN[1]
Input
P19
L22
J21
The Ingress Flexible Bandwidth Enables
(IFBWEN[3:1]). A logic high on any of these inputs
indicates a valid bit on the associated IFBWDAT input.
The IFBWEN[3:1] inputs are constrained such that the
maximum data rate of each of IFBWDAT[3:1] is less
than 49.72 Mbit/s.
IFBWEN[3:1] are sampled on the rising edge of the
associated IFBWCLK input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com