Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 87Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 88Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 89Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 90Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 91Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 92Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 93Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 94Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
79
9.8 T1/E1 Pseudo Random Binary Sequence Generation and Detection (PRBS)
The Pseudo Random Binary Sequence Generator/Detector (PRBS) is a software
selectable PRBS generator and checker for 2
7-1, 211-1, 215-1 or 220-1 PRBS
polynomials for use in the unframed T1 and E1 links. PRBS patterns may be
generated and monitored in both the transmit or receive directions for all T1 and
E1 links simultaneously. The generator is capable of inserting single bit errors
under microprocessor control.
The detector auto-synchronizes to the expected PRBS pattern and accumulates
the total number of bit errors in a 16-bit counter. The error count accumulates
over the interval defined by writes to the Global PMON Update register. When a
transfer is triggered, the holding register is updated, and the counter reset to
begin accumulating for the next interval. The counter is reset in such a way that
no events are missed. The data is then available until the next transfer.
9.9 DS3 Framer (DS3-FRMR)
Three instances of the DS3 Framer are independently programmed. From each
the framed data is presented on RDATO[x], mapped into the SBI bus or may be
demultiplexed to 28 DS1s or 21 E1s (ITU-T Rec. G.747).
The DS3 Framer (DS3-FRMR) Block integrates circuitry required for decoding a
B3ZS-encoded signal and framing to the resulting DS3 bit stream. The
DS3-FRMR is directly compatible with the M23 and C-bit parity DS3 applications.
The DS3-FRMR decodes a B3ZS-encoded signal and provides indications of line
code violations. The B3ZS decoding algorithm and the LCV definition can be
independently chosen through software. A loss of signal (LOS) defect is also
detected for B3ZS encoded streams. LOS is declared when inputs RPOS and
RNEG contain zeros for 175 consecutive RCLK cycles. LOS is removed when
the ones density on RPOS and/or RNEG is greater than 33% for 175 ±1 RCLK
cycles.
The framing algorithm examines five F-bit candidates simultaneously. When at
least one discrepancy has occurred in each candidate, the algorithm examines
the next set of five candidates. When a single F-bit candidate remains in a set,
the first bit in the supposed M-subframe is examined for the M-frame alignment
signal (i.e., the M-bits, M1, M2, and M3 are following the 010 pattern). Framing
is declared, and out-of-frame is removed, if the M-bits are correct for three
consecutive M-frames while no discrepancies have occurred in the F-bits.
During the examination of the M-bits, the X-bits and P-bits are ignored. The
algorithm gives a maximum average reframe time of 1.5 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com