Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 56Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 57Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 58Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 59Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 60Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 61Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 62Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 63Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
48
Pin Name
Type
Pin
No.
Function
SAC1FP
Input
B11 SBI Add C1 Frame Pulse (SAC1FP). The Extract C1
frame pulse synchronizes devices interfacing to the
Extract SBI bus. The frame pulse indicates SBI bus
multiframe alignment which occurs every 500
µS,
therefore this signal is pulsed every 9720 SREFCLK
cycles (38880 cycles if S77 is high). This signal does
not need to occur every SBI multiframe.SAC1FP is
sampled on the rising edge of SREFCLK.
SADATA[0]
SADATA[1]
SADATA[2]
SADATA[3]
SADATA[4]
SADATA[5]
SADATA[6]
SADATA[7]
Input
A11
D12
B12
C12
D13
B13
C13
D14
System Add Bus Data (SADATA[7:0]). The System
add data bus is a time division multiplexed bus which
carries the E1, T1 and DS3 tributary data is byte serial
format over the SBI bus structure. This device only
monitors the add data bus during the timeslots
assigned to this device.
SADATA[7:0] is sampled on the rising edge of
SREFCLK.
SADP
Input
A14 System Add Bus Data Parity (SADP). The system
add bus signal carries the even or odd parity for the
add bus signals SADATA[7:0], SAPL and SAV5. The
TEMAP-84 monitors the add bus parity during all
cycles when S77 is low and during the entire selected
STM-1 when S77 is high.
SADP is sampled on the rising edge of SREFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com