Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 13Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 14Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 15Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 16Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 17Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 18Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 19Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 20Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
5
• Provides a FIFO buffer for jitter attenuation in the transmitter.
Each one of three SONET/SDH Tributary Path Processing Sections:
• Interfaces with a byte wide Telecom Add/Drop bus, interfacing directly with the
PM5362 TUPP-PLUS and PM5342 SPECTRA-155 at 19.44 MHz.
• Seamlessly interfaces with a 77.76 MHz Drop bus. Interfaces to a 77.76 MHz
Add bus with minimal external logic.
• Compensates for pleisiochronous relationships between incoming and outgoing
higher level (STS-1, AU4, AU3) synchronous payload envelope frame rates
through processing of the lower level tributary pointers.
• Optionally frames to the H4 byte in the path overhead to determine tributary
multi-frame boundaries and generates change of loss-of-frame status interrupts.
• Detects loss of pointer (LOP) and re-acquisition for each tributary and optionally
generates interrupts.
• Detects tributary path alarm indication signal (AIS) and return to normal state for
each tributary and optionally generates interrupts
• Detects tributary elastic store underflow and overflow and optionally generates
interrupts.
• Provides individual tributary path signal label register that hold the expected label
and detects tributary path signal label mismatch alarms (PSLM) and return to
matched state for each tributary and optionally generates interrupts.
• Detects tributary path signal label unstable alarms (PSLU) and return to stable
state for each tributary and optionally generates interrupts.
• Detects assertion and removal of tributary extended remote defect indications
(RDI) for each tributary and optionally generates interrupts.
• Calculates and compares the tributary path BIP-2 error detection code for each
tributary and configurable to accumulate the BIP-2 errors on block or bit basis in
internal registers.
• Allows insertion of all-zeros or all-ones tributary idle code with unequipped
indication and valid pointer into any tributary under software control.
• Allows software to force the AIS insertion on a per tributary basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com