Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 90 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 90 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 86Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 87Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 88Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 89Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 90Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 91Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 92Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 93Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 94Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
78
Figure 11
-Jitter Transfer E1 Modes
1
10
100
1k
10k
100k
Jitter Frequency
(Hz)
-50
-40
-30
-20
-10
0
G.737, G.738,
G.739, G.742
Max
Jitter
Attenuator
Response
5
unacceptable
acceptable
400
40
Frequency Range
The guaranteed linear operating range for the jittered input clock is 1.544 MHz ±
200 Hz with worst case jitter (48 UIpp) and maximum SREFCLK frequency offset
(± 50 ppm). The tracking range is 1.544 MHz ± 997 Hz with no jitter or
SREFCLK frequency offset.
The guaranteed linear operating range for the jittered input clock is 2.048 MHz ±
266 Hz with worst case jitter (48 UIpp) and maximum SREFCLK frequency offset
(± 50 ppm). The tracking range is 2.048 MHz ± 999 Hz with no jitter or
SREFCLK frequency offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com