Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 190 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 190 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 186Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 187Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 188Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 189Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 190Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 191Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 192Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 193Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 194Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
178
Transparent VTs can float in the SBI structure in two ways. The first method uses
valid V1 and V2 pointers to indicate positive and negative pointer justifications.
The second methods uses the SBI signals SDV5, SAV5, SDPL and SAPL to
indicate rate adjustments. In the DROP bus, the TEMAP-84 will always provide
both valid pointers with valid SDV5 and SDPL signals. On the SBI Add Bus, the
TEMAP-84 needs to be configured on a per tributary basis for either transparent
VT mode. Transparent VT operation is configured on a per tributary basis via the
ETVT and ETVTPTRDIS bits in the TTMP Tributary control registers.
On the DROP BUS the TEMAP-84 is timing master as determined by the arrival
rate of data over the SBI.
On the ADD BUS the TEMAP-84 can be either the timing master or the timing
slave. When the TEMAP-84 is the timing slave it receives its transmit timing
information from the arrival rate of data across the SBI ADD bus. When the
TEMAP-84 is the timing master it signals devices on the SBI ADD bus to speed
up or slow down with the justification request signal, SAJUST_REQ. The
TEMAP-84 as timing master indicates a speedup request to a Link Layer SBI
device by asserting the justification request signal high during the V3 or H3 octet.
When this is detected by the Link Layer it will speed up the channel by inserting
extra data in the next V3 or H3 octet. The TEMAP-84 indicates a slow down
request to the Link Layer by asserting the justification request signal high during
the octet after the V3 or H3 octet. When detected by the Link Layer it will retard
the channel by leaving the octet following the next V3 or H3 octet unused. Both
advance and retard rate adjustments take place in the frame or multi-frame
following the justification request.
Arbitrary Bandwidth Support
Data streams of an arbitrary bit rate up to the capacitry of an SPE may be
transported across the SPEs to and from the Flexible Bandwidth Ports. When
one (or more) of the SBI is programmed to support this, the SAPL and SDPL
signals may be asserted and deasserted at arbitrary times to allow precise
control of the payload bit rate.
On the DROP Bus, data received on the FBWDAT[3:1] signals are collected into
complete bytes and are presented on SDDATA[7:0] with SDPL asserted high.
No flow control is implemented on the DROP bus.
On the ADD Bus, the EFWBDREQ[3:1] signals request data at a specific rate.
The data is read from a shallow FIFO. To keep the FIFO half full, the
SAJUST_REQ output is asserted to fetch data across the ADD bus. In turn, the
data source responds with data and the SAPL signal asserted an equal or less
number of cycles than SAJUST_REQ is asserted. Significant latency is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com