Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 104 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 104 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 100Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 101Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 102Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 103Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 104Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 105Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 106Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 107Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 108Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
92
LOS, OOF or AIS. The E3-FRMR can also be enabled to automatically insert
G.832 FEBE upon detection of receive BIP-8 errors.
9.20 E3 Transmitter
Three E3 transmitters provide framing insertion for 34368 kbit/s unchannelized
data from TDATI[3:1] or the SBI bus.
The E3 Transmitter (E3-TRAN) Block integrates circuitry required to insert the
overhead bits into an E3 bit stream and produce an HDB3-encoded signal. The
E3-TRAN is directly compatible with the G.751 and G.832 framing formats.
The E3-TRAN generates the frame alignment signal and inserts it into the
incoming serial stream based on either the G.751 or G.832 formats. All overhead
and status bits in each frame format can be individually controlled by register
bits. While in certain framing format modes, the E3-TRAN generates various
overhead bytes according to the following:
In G.832 E3 format, the E3-TRAN:
• inserts the BIP-8 byte calculated over the preceding frame;
• inserts the Trail Trace bytes;
• inserts the FERF bit via a register bit or, optionally, when the E3-FRMR declares
OOF, or when the loss of cell delineation (LCD) defect is declared;
• inserts the FEBE bit, which is set to logic 1 when one or more BIP-8 errors are
detected by the receive framer. If there are no BIP-8 errors indicated by the
E3-FRMR, the E3-TRAN sets the FEBE bit to logic 0;
• inserts the Payload Type bits based on the register value set by the
microprocessor;
• inserts the Tributary Unit multiframe indicator bits either via the TOH overhead
stream or by register bit values set by the microprocessor;
• inserts the Timing Marker bit via a register bit;
• inserts the Network Operator (NR) byte from the TDPR block when the TNETOP
bit in the E3 Data Link Control register is logic 1; otherwise, the NR byte is set to
all ones. All 8 bits of the Network Operator byte are available for use as a
datalink;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com