Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 124 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 124 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 120Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 121Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 122Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 123Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 124Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 125Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 126Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 127Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 128Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
112
data. For 34.368 Mbit/s or 44.736 Mbit/s data streams there is also the option of
using timing link rate adjustments provided from the source and carried with the
links over the SBI bus. A T1/E1 tributary may be transmitted at a rate different
from that of the SBI bus if the tributary is looped timed, locked to the CTCLK
input or locked to a selected recovered clock. In this case, the frame slip buffer
(ELST) must be used to adapt the data rate.
The 44.736 Mbit/s or 34.368 Mbit/s clock is synthesized from the 51.84 MHz or
44.928 MHz reference clock, CLK52M. Using either reference clock frequency,
the 44.736 Mbit/s or 34.368 Mbit/s rate is generated by gapping the reference
clock in a fixed way. Timing adjustments are performed by adding or deleting
four clocks over the 500
µS period.
When the TEMAP-84 is the SBI egress clock master for a link, clocks are
sourced from within the TEMAP-84. The data rate is set by the frequency of the
CTCLK input, one of the three recovered clocks (RECVCLK1, RECVCLK2, or
RECVCLK3) or the tributary receive clock if loop timed. Based on buffer fill
levels, the EXSBI sends link rate adjustment commands to the link source
indicating that it should send one additional or one fewer bytes of data during the
next 500
µS interval. Failure of the source to respond to these commands will
ultimately result in overflows or underflows which can be configured to generate
per link interrupts.
Channelized T1s extracted from the SBI bus optionally have the channel
associated signaling (CAS) bits explicitly defined and carried in parallel with the
DS0s.
9.34 Insert Scaleable Bandwidth Interconnect (INSBI)
The Insert Scaleable Bandwidth Interconnect block maps up to 84 1.544 Mbit/s
links, 63 2.048 Mbit/s links, three 44.736 Mbit/s links, three 34.386 Mbit/s links or
an arbitary bit rate into the SBI shared bus. The SBI bandwidth is evenly divided
into three SPEs, each of which may carry a different payload type. The
1.544 Mbit/s links will be unframed when sourced directly from the DS3
multiplexer or SONET/SDH bit asynchronous mapper, or they can be T1
channelized when sourced by the SONET/SDH byte synchronous mapper. The
2.048 Mbit/s links will be unframed when sourced directly from the SONET/SDH
bit asynchronous mapper or G.747 demultiplexer, or they can be E1 channelized
when sourced by the SONET/SDH byte synchronous mapper. The 44.736 Mbit/s
links and 34.368 Mbit/s links can also be unframed when sourced directly from
the DS3/E3 interfaces or from the DS3 mapper. The 44.736 Mbit/s links and
34.368 Mbit/s links can be unchannelized DS3/E3s when sourced from the DS3
or E3 framers. Finally, an arbitrary bandwidth signal that has been received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com